Part Number Hot Search : 
LTC1660 DF6109A R5001015 Y100E IPB05 A0512 LAN91 721A240
Product Description
Full Text Search
 

To Download VS-MUR3020WTPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 94080 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 17-feb-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 ultrafast rectifier, 2 x 15 a fred pt ? VS-MUR3020WTPBF vishay semiconductors features ? ultrafast recovery time ? low forward voltage drop ? 175 c operating junction temperature ? low leakage current ? compliant to rohs directive 2002/95/ec ? designed and qualified for industrial level description/applications VS-MUR3020WTPBF is the state of the art ultrafast recovery rectifier specifically designed with optimized performance of forward voltage drop and ultrafast recovery time. the planar structure and th e platinum doped life time control, guarantee the best overall performance, ruggedness and reliability characteristics. these devices are intended for use in the output rectification stage of smps, ups, dc/d c converters as well as freewheeling diode in low voltage inverters and chopper motor drives. their extremely optimized stored charge and low recovery current minimize the switch ing losses and reduce over dissipation in the switch ing element and snubbers. product summary package to-247ac i f(av) 2 x 15 a v r 200 v v f at i f 1.05 v t rr typ. see recovery table t j max. 175 c diode variation common cathode base common cathode common cathode 2 2 13 anode 1 anode 2 to-247ac absolute maximum ratings parameter symbol test conditions max. units peak repetitive reverse voltage v rrm 200 v average rectified forward current per leg i f(av) 15 a total device rated v r , t c = 150 c 30 non-repetitive peak surge current per leg i fsm 200 peak repetitive forward current per leg i fm rated v r , square wave, 20 khz, t c = 150 c 30 operating junction and storage temperatures t j , t stg - 65 to 175 c electrical specifications (t j = 25 c unless otherwise specified) parameter symbol test conditi ons min. typ. max. units breakdown voltage, blocking voltage v br , v r i r = 100 a 200 - - v forward voltage v f i f = 15 a - - 1.05 i f = 15 a, t j = 150 c - - 0.85 reverse leakage current i r v r = v r rated - - 10 a t j = 150 c, v r = v r rated - - 500 junction capacitance c t v r = 200 v - 55 - pf series inductance l s measured lead to lead 5 mm from package body - 12 - nh
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 94080 2 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 17-feb-11 VS-MUR3020WTPBF vishay semiconductors ultrafast rectifier, 2 x 15 a fred pt ? dynamic recovery characteristics (t j = 25 c unless otherwise specified) parameter symbol test conditi ons min. typ. max. units reverse recovery time t rr i f = 1.0 a, di f /dt = 50 a/s, v r = 30 v - - 35 ns t j = 25 c i f = 15 a di f /dt = 200 a/s v r = 160 v -22- t j = 125 c - 39 - peak recovery current i rrm t j = 25 c - 1.6 - a t j = 125 c - 4.1 - reverse recovery charge q rr t j = 25 c - 19 - nc t j = 125 c - 90 - thermal - mechanical specifications parameter symbol test condit ions min. typ. max. units maximum junction and storage temperature range t j , t stg - 65 - 175 c thermal resistance, junction to case per leg r thjc --1.5 c/w thermal resistance, junction to am bient per leg r thja typical socket mount - - 40 thermal resistance, case to heatsink r thcs mounting surface, flat, smooth and greased -0.5- weight -6.0- g -0.21- oz. mounting torque 6.0 (5.0) - 12 (10) kgf cm (lbf in) marking device case style to-247ac mur3020wt
document number: 94080 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 17-feb-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 3 VS-MUR3020WTPBF ultrafast rectifier, 2 x 15 a fred pt ? vishay semiconductors fig. 1 - typical forward voltage drop characteristics fig. 2 - typical values of reverse current vs. reverse voltage fig. 3 - typical junction capacitance vs. reverse voltage fig. 4 - maximum thermal impedance z thjc characteristics 1 10 t j = 175 c t j = 150 c t j = 25 c 0 1.5 0.3 0.9 v f - forward voltage drop (v) i f - instantaneous forward current (a) 100 1.2 0.1 0.6 0.01 0.1 1 10 100 0 100 150 v r - reverse voltage (v) i r - reverse current (a) t j = 175 c t j = 150 c t j = 125 c t j = 100 c t j = 25 c 200 250 50 1000 100 1000 1 10 100 1000 10 v r - reverse voltage (v) c t - junction capacitance (pf) t j = 25 c 0.01 0.1 10 0.00001 0.0001 0.001 0.01 0.1 1 t 1 - rectangular pulse duration (s) z thjc - thermal impedance (c/w) . . p dm t 1 t 2 notes: 1. duty factor d = t 1 /t 2 2. peak t j = p dm x z thjc + t c 1 single pulse (thermal resistance) d = 0.50 d = 0.20 d = 0.10 d = 0.05 d = 0.02 d = 0.01
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 94080 4 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 17-feb-11 VS-MUR3020WTPBF vishay semiconductors ultrafast rectifier, 2 x 15 a fred pt ? fig. 5 - maximum allowable case temperature vs. average forward current fig. 6 - forward power loss characteristics fig. 7 - typical reverse recovery time vs. di f /dt fig. 8 - typical stored charge vs. di f /dt note (1) formula used: t c = t j - (pd + pd rev ) x r thjc ; pd = forward power loss = i f(av) x v fm at (i f(av) /d) (see fig. 6); pd rev = inverse power loss = v r1 x i r (1 - d); i r at v r1 = rated v r 05 allowable case temperature (c) i f(av) - average forward current (a) 160 170 180 see note (1) 150 dc 140 130 10 15 20 square wave (d = 0.50) rated v r applied 25 01020 average power loss (w) i f(av) - average forward current (a) 0 d = 0.01 d = 0.02 d = 0.05 d = 0.10 d = 0.20 d = 0.50 dc 515 5 10 25 15 20 rms limit 25 100 1000 t rr (ns) di f /dt (a/s) 20 40 v r = 160 v t j = 125 c t j = 25 c 30 50 10 60 i f = 30 a i f = 15 a i f = 8 a 100 1000 q rr (nc) di f /dt (a/s) 40 i f = 30 a i f = 15 a i f = 8 a 200 120 v r = 160 v t j = 125 c t j = 25 c 80 160 0
document number: 94080 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 17-feb-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 5 VS-MUR3020WTPBF ultrafast rectifier, 2 x 15 a fred pt ? vishay semiconductors fig. 9 - reverse recovery parameter test circuit fig. 10 - reverse recovery waveform and definitions irfp250 d.u.t. l = 70 h v r = 200 v 0.01 g d s di f /dt adju s t q rr 0.5 i rrm di (rec)m /dt 0.75 i rrm i rrm t rr t b t a i f di f /dt 0 (1) (2) (3) (4) (5) (1) di f /dt - rate of change of current through zero cro ss ing (2) i rrm - peak rever s e recovery current (3) t rr - rever s e recovery time mea s ured from zero cro ss ing point of negative going i f to point where a line pa ss ing through 0.75 i rrm and 0.50 i rrm extrapolated to zero current. (4) q rr - area under curve defined by t rr and i rrm t rr x i rrm 2 q rr = (5) di (rec)m /dt - peak rate of change of current during t b portion of t rr
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 94080 6 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 17-feb-11 VS-MUR3020WTPBF vishay semiconductors ultrafast rectifier, 2 x 15 a fred pt ? ordering information table links to related documents dimensions www.vishay.com/doc?95223 part marking information www.vishay.com/doc?95226 2 - ultrafast mur series (to-247ac) 3 - current rating (30 = 30 a) 4 - voltage rating (20 = 200 v) 5 - wt = center tap (dual) to-247 1 - vishay semiconductors product 6 - pbf = lead (pb)-free device code 5 1 3 2 4 6 vs- mur 30 20 wt pbf tube standard pack quantity: 25 pieces
outline dimensions www.vishay.com vishay semiconductors revision: 16-jun-11 1 document number: 95223 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in millimeters and inches notes (1) dimensioning and tolera ncing per asme y14.5m-1994 (2) contour of slot optional (3) dimension d and e do not include mold flas h. mold flash shall not exceed 0.127 mm (0 .005") per side. these dimensions are measu red at the outermost extremes of the plastic body (4) thermal pad contour optional with dimensions d1 and e1 (5) lead finish uncontrolled in l1 (6) ? p to have a maximum draft angle of 1.5 to the top of the part with a maximum hole diameter of 3.91 mm (0.154") (7) outline conforms to jede c outline to-247 with ex ception of dimension c symbol millimeters inches notes symbol millimeters inches notes min. max. min. max. min. max. min. max. a 4.65 5.31 0.183 0.209 d2 0.51 1.30 0.020 0.051 a1 2.21 2.59 0.087 0.102 e 15.29 15.87 0.602 0.625 3 a2 1.50 2.49 0.059 0.098 e1 13.72 - 0.540 - b 0.99 1.40 0.039 0.055 e 5.46 bsc 0.215 bsc b1 0.99 1.35 0.039 0.053 fk 2.54 0.010 b2 1.65 2.39 0.065 0.094 l 14.20 16.10 0.559 0.634 b3 1.65 2.37 0.065 0.094 l1 3.71 4.29 0.146 0.169 b4 2.59 3.43 0.102 0.135 n 7.62 bsc 0.3 b5 2.59 3.38 0.102 0.133 ? p 3.56 3.66 0.14 0.144 c 0.38 0.86 0.015 0.034 ? p1 - 6.98 - 0.275 c1 0.38 0.76 0.015 0.030 q 5.31 5.69 0.209 0.224 d 19.71 20.70 0.776 0.815 3 r 4.52 5.49 1.78 0.216 d1 13.08 - 0.515 - 4 s 5.51 bsc 0.217 bsc 0.10 a c m m e n (2) (3) (4) (4) (2) r/2 b 2 x r s d see view b 2 x e b4 3 x b 2 x b2 l c (5) l1 1 2 3 q d a a2 a a a1 c ? k b d m m a (6) ? p (datum b) fp1 d1 (4) 4 e1 0.01 b d m m view a - a thermal pad d2 dde e c c view b (b1, b3, b5) base metal c1 (b, b2, b4) section c - c, d - d, e - e (c) planting lead assignments diodes 1. - anode/open 2. - cathode 3. - anode
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of VS-MUR3020WTPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X